Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9530N Datasheet (PDF) - International Rectifier

IRF9530N Datasheet PDF - International Rectifier
Part # IRF9530N
Download  IRF9530N Download
File Size   113.13 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)

IRF9530N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9530N Datasheet PDF - International Rectifier

Part # IRF9530N
Download  IRF9530N Click to download

File Size   113.13 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)

IRF9530N Datasheet (HTML) - International Rectifier


IRF9530N Product details

VDSS = -100V

RDS(on) = 0.20Ω

ID = -14A



Description

Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.



Advanced Process Technology

Dynamic dv/dt Rating

175°C Operating Temperature

Fast Switching

P-Channel

Fully Avalanche Rated




Similar Part No. - IRF9530N

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF9530N KERSEMI-IRF9530N Datasheet
2Mb / 7P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9530N ISC-IRF9530N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
logo
International Rectifier
IRF9530NL IRF-IRF9530NL Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
logo
Kersemi Electronic Co.,...
IRF9530NL KERSEMI-IRF9530NL Datasheet
1Mb / 10P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9530NL ISC-IRF9530NL Datasheet
273Kb / 2P
isc P-Channel MOSFET Transistor
More results


Similar Description - IRF9530N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRF530 IRF-IRF530 Datasheet
175Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFI520N IRF-IRFI520N Datasheet
133Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=7.6A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRLZ14SL IRF-IRLZ14SL Datasheet
291Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com