Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF530S Datasheet (PDF) - International Rectifier

IRF530S Datasheet PDF - International Rectifier
Part # IRF530S
Download  IRF530S Download
File Size   180.1 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)

IRF530S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF530S Datasheet PDF - International Rectifier

Part # IRF530S
Download  IRF530S Click to download

File Size   180.1 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)

IRF530S Datasheet (HTML) - International Rectifier


IRF530S Product details

Description

Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.



l Advanced Process Technology

l Dynamic dv/dt Rating

l 175°C Operating Temperature

l P-Channel

l Fast Switching

l Fully Avalanche Rated




Similar Part No. - IRF530S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF530S IRF-IRF530S Datasheet
171Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRF530S VISHAY-IRF530S Datasheet
177Kb / 9P
Power MOSFET
30-May-11
logo
Kersemi Electronic Co.,...
IRF530S KERSEMI-IRF530S Datasheet
916Kb / 8P
Halogen-free According to IEC 61249-2-21
logo
VBsemi Electronics Co.,...
IRF530S VBSEMI-IRF530S Datasheet
1,008Kb / 8P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
IRF530S VISHAY-IRF530S Datasheet
218Kb / 9P
Power MOSFET
07-Sep-2020
More results


Similar Description - IRF530S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530 IRF-IRF530 Datasheet
175Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFIZ24E IRF-IRFIZ24E Datasheet
114Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.071ohm, Id=14A)
IRFIZ24N IRF-IRFIZ24N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
IRFIZ24V IRF-IRFIZ24V Datasheet
83Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.060ohm, Id=14A)
IRFL014N IRF-IRFL014N Datasheet
144Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.16ohm, Id=1.9A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com