Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRC503 Datasheet (PDF) - International Rectifier

IRC503 Datasheet PDF - International Rectifier
Part # IRC503
Download  IRC503 Download
File Size   226.02 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)

IRC503 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRC503 Datasheet PDF - International Rectifier

Part # IRC503
Download  IRC503 Click to download

File Size   226.02 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)

IRC503 Datasheet (HTML) - International Rectifier


IRC503 Product details

HEXFET® Power MOSFET

VDSS = 100V
RDS(on) = 0.16Ω
ID = 14A




Similar Part No. - IRC503

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC530PBF IRF-IRC530PBF Datasheet
1Mb / 9P
HEXFET짰 Power MOSFET
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRC540PBF IRF-IRC540PBF Datasheet
1Mb / 9P
HEXFET POWER MOSFET ( VDSS=100V , RDS(on)=0.077廓 , ID=28A )
More results


Similar Description - IRC503

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF530 IRF-IRF530 Datasheet
175Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFIZ24E IRF-IRFIZ24E Datasheet
114Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.071ohm, Id=14A)
IRFIZ24N IRF-IRFIZ24N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
IRFIZ24V IRF-IRFIZ24V Datasheet
83Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.060ohm, Id=14A)
IRFL014N IRF-IRFL014N Datasheet
144Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.16ohm, Id=1.9A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com