Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFIZ24V Datasheet (PDF) - International Rectifier

IRFIZ24V Datasheet PDF - International Rectifier
Part # IRFIZ24V
Download  IRFIZ24V Download
File Size   83.85 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.060ohm, Id=14A)

IRFIZ24V Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFIZ24V Datasheet PDF - International Rectifier

Part # IRFIZ24V
Download  IRFIZ24V Click to download

File Size   83.85 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.060ohm, Id=14A)

IRFIZ24V Datasheet (HTML) - International Rectifier


IRFIZ24V Product details

Description
Advanced HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
   
• Advanced Process Technology
• Ultra Low On-Resistance
• Dynamic dv/dt Rating
• 175°C Operating Temperature
• Fast Switching
• Fully Avalanche Rated
• Optimized for SMPS Applications
   




Similar Part No. - IRFIZ24V

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFIZ24A ISC-IRFIZ24A Datasheet
274Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFIZ24E IRF-IRFIZ24E Datasheet
114Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.071ohm, Id=14A)
IRFIZ24EPBF IRF-IRFIZ24EPBF Datasheet
221Kb / 8P
HEXFET Power MOSFET
IRFIZ24G IRF-IRFIZ24G Datasheet
179Kb / 6P
HEXFET POWER MOSFET
logo
Vishay Siliconix
IRFIZ24G VISHAY-IRFIZ24G Datasheet
1Mb / 8P
Power MOSFET
24-Jun-08
More results


Similar Description - IRFIZ24V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRF7452 IRF-IRF7452 Datasheet
104Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFIZ24E IRF-IRFIZ24E Datasheet
114Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.071ohm, Id=14A)
IRFIZ24N IRF-IRFIZ24N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com