Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP450LC Datasheet (PDF) - International Rectifier

IRFP450LC Datasheet PDF - International Rectifier
Part # IRFP450LC
Download  IRFP450LC Download
File Size   340.78 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)

IRFP450LC Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP450LC Datasheet PDF - International Rectifier

Part # IRFP450LC
Download  IRFP450LC Click to download

File Size   340.78 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)

IRFP450LC Datasheet (HTML) - International Rectifier


IRFP450LC Product details

VDSS = 500V
RDS(on) = 0.40Ω
ID = 14A

Description
This new series of Low Charge HEXFET Power MOSFETs achieve significantly lower gate charge over conventional MOSFETs. Utilizing advanced Hexfet technology the device improvements allow for reduced gate drive requirements, faster switching speeds and increased total system savings. These device improvements combined with the proven ruggedness and reliability of HEXFETs offer the designer a new standard in power transistors for switching applications. The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole.

● Ultra Low Gate Charge
● Reduced Gate Drive Requirement
● Enhanced 30V V
● gs Rating
● Reduced Ciss, Coss, Crss
● Isolated Central Mounting Hole
● Dynamic dv/dt Rated
● Repetitive Avalanche Rated




Similar Part No. - IRFP450LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP450LC VISHAY-IRFP450LC Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFP450LC VISHAY-IRFP450LC Datasheet
1Mb / 11P
Power MOSFET
31-Jan-2022
logo
International Rectifier
IRFP450LCPBF IRF-IRFP450LCPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFP450LCPBF VISHAY-IRFP450LCPBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFP450LCPBF VISHAY-IRFP450LCPBF Datasheet
1Mb / 11P
Power MOSFET
31-Jan-2022
More results


Similar Description - IRFP450LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC IRF-IRC Datasheet
229Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP450N IRF-IRFP450N Datasheet
121Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.37ohm, Id=14A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRL630 IRF-IRL630 Datasheet
324Kb / 8P
Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRLI630G IRF-IRLI630G Datasheet
337Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=6.2A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com