Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPC60 Datasheet (PDF) - International Rectifier

IRFPC60 Datasheet PDF - International Rectifier
Part # IRFPC60
Download  IRFPC60 Download
File Size   162.21 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)

IRFPC60 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFPC60 Datasheet PDF - International Rectifier

Part # IRFPC60
Download  IRFPC60 Click to download

File Size   162.21 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)

IRFPC60 Datasheet (HTML) - International Rectifier


IRFPC60 Product details

DESCRIPTION
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Isolated Central Mounting Hole
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRFPC60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFPC60 VISHAY-IRFPC60 Datasheet
2Mb / 8P
Power MOSFET
21-Jul-08
IRFPC60 VISHAY-IRFPC60 Datasheet
2Mb / 11P
Power MOSFET
14-Mar-11
logo
International Rectifier
IRFPC60LC IRF-IRFPC60LC Datasheet
343Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
logo
Vishay Siliconix
IRFPC60LC VISHAY-IRFPC60LC Datasheet
640Kb / 8P
Power MOSFET
16-Jun-08
logo
Inchange Semiconductor ...
IRFPC60LC ISC-IRFPC60LC Datasheet
444Kb / 2P
iscN-Channel MOSFET Transistor
More results


Similar Description - IRFPC60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC IRF-IRC Datasheet
229Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFI630G IRF-IRFI630G Datasheet
176Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=5.9A)
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRFPC60LC IRF-IRFPC60LC Datasheet
343Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRL630 IRF-IRL630 Datasheet
324Kb / 8P
Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRLI630G IRF-IRLI630G Datasheet
337Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=6.2A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com