Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP450LC Datasheet(PDF) 4 Page - International Rectifier

Part # IRFP450LC
Description  Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP450LC Datasheet(HTML) 4 Page - International Rectifier

  IRFP450LC Datasheet HTML 1Page - International Rectifier IRFP450LC Datasheet HTML 2Page - International Rectifier IRFP450LC Datasheet HTML 3Page - International Rectifier IRFP450LC Datasheet HTML 4Page - International Rectifier IRFP450LC Datasheet HTML 5Page - International Rectifier IRFP450LC Datasheet HTML 6Page - International Rectifier IRFP450LC Datasheet HTML 7Page - International Rectifier IRFP450LC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFP450LC
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
4
8
12
16
20
0
20
40
60
80
Q , Total Gate Charge (nC)
G
A
FOR TEST CIRCUIT
SEE FIGURE 13
I
= 14A
V
= 400V
V
= 250V
V
= 100V
DS
DS
DS
D
0
1000
2000
3000
4000
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0.1
1
10
100
0.0
0.4
0.8
1.2
1.6
2.0
T = 25°C
T = 150°C
J
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
0 .1
1
1 0
1 0 0
1 0 0 0
1
1 0
1 0 0
1 0 0 0
V
, Drain-to-Source Voltage (V)
DS
OPERATION IN THIS AREA LIMITED
BY RDS(on)
T
= 25°C
T
= 150°C
Single Pulse
C
J
100µs
1ms
10ms
A
10µs
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com