Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7204 Datasheet (PDF) - International Rectifier

IRF7204 Datasheet PDF - International Rectifier
Part # IRF7204
Download  IRF7204 Download
File Size   145.18 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)

IRF7204 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7204 Datasheet PDF - International Rectifier

Part # IRF7204
Download  IRF7204 Click to download

File Size   145.18 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)

IRF7204 Datasheet (HTML) - International Rectifier


IRF7204 Product details

Description

Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications.



• Adavanced Process Technology

• Ultra Low On-Resistance

• P-Channel MOSFET

• Surface Mount

• Available in Tape & Reel

• Dynamic dv/dt Rating

• Fast Switching



 




Similar Part No. - IRF7204

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRF7204 EVVOSEMI-IRF7204 Datasheet
1Mb / 7P
- 30V P - Channel Enhancement Mode MOSFET
logo
International Rectifier
IRF7204PBF IRF-IRF7204PBF Datasheet
243Kb / 9P
HEXFET짰 Power MOSFET
IRF7204PBF IRF-IRF7204PBF Datasheet
249Kb / 9P
ADVANCED PROCESS TECHNOLOGY
IRF7204PBF IRF-IRF7204PBF_15 Datasheet
249Kb / 9P
ADVANCED PROCESS TECHNOLOGY
logo
Guangdong Youtai Semico...
IRF7204TR UMW-IRF7204TR Datasheet
1Mb / 7P
- 30V P - Channel Enhancement Mode MOSFET
More results


Similar Description - IRF7204

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
IRF1302S IRF-IRF1302S Datasheet
229Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF5N5210 IRF-IRF5N5210 Datasheet
118Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.060ohm, Id=-31A)
IRF7452 IRF-IRF7452 Datasheet
104Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRFIZ24V IRF-IRFIZ24V Datasheet
83Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.060ohm, Id=14A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRL3102 IRF-IRL3102 Datasheet
96Kb / 7P
Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com