Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL3102S Datasheet (PDF) - International Rectifier

IRL3102S Datasheet PDF - International Rectifier
Part # IRL3102S
Download  IRL3102S Download
File Size   90.92 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)

IRL3102S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRL3102S Datasheet PDF - International Rectifier

Part # IRL3102S
Download  IRL3102S Click to download

File Size   90.92 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)

IRL3102S Datasheet (HTML) - International Rectifier


IRL3102S Product details

Description

These HEXFET Power MOSFETs were designed specifically to meet the demands of CPU core DC-DC converters. Advanced processing techniques combined with an optimized gate oxide design results

in a die sized specifically to offer maximum efficiency at minimum cost.

The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application.



Advanced Process Technology

Surface Mount

Optimized for 4.5V-7.0V Gate Drive

Ideal for CPU Core DC-DC Converters

Fast Switching




Similar Part No. - IRL3102S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3102SPBF IRF-IRL3102SPBF Datasheet
322Kb / 9P
HEXFET Power MOSFET
More results


Similar Description - IRL3102S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
IRF1302S IRF-IRF1302S Datasheet
229Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRFR3707 IRF-IRFR3707 Datasheet
136Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)max=13mohm, Id=61A??
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
IRL3102 IRF-IRL3102 Datasheet
96Kb / 7P
Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com