Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR3704 Datasheet (PDF) - International Rectifier

IRFR3704 Datasheet PDF - International Rectifier
Part # IRFR3704
Download  IRFR3704 Download
File Size   115.27 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??

IRFR3704 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR3704 Datasheet PDF - International Rectifier

Part # IRFR3704
Download  IRFR3704 Click to download

File Size   115.27 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??

IRFR3704 Datasheet (HTML) - International Rectifier


IRFR3704 Product details

Benefits
● Ultra-Low RDS(on)
● Very Low Gate Impedance
● Fully Characterized Avalanche Voltage and Current

Applications
● High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
● High Frequency Buck Converters for Computer Processor Power




Similar Part No. - IRFR3704

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3704 KERSEMI-IRFR3704 Datasheet
816Kb / 9P
High Frequency DC-DC Isolated Converters with Synchronous Rectification
logo
International Rectifier
IRFR3704PBF IRF-IRFR3704PBF Datasheet
217Kb / 9P
HEXFET Power MOSFET
IRFR3704PBF IRF-IRFR3704PBF Datasheet
226Kb / 10P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRFR3704TRLPBF IRF-IRFR3704TRLPBF Datasheet
226Kb / 10P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRFR3704Z IRF-IRFR3704Z Datasheet
225Kb / 11P
HEXFET Power MOSFET
More results


Similar Description - IRFR3704

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF3711 IRF-IRF3711 Datasheet
245Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=6.0mohm, Id=110A??
IRF7456 IRF-IRF7456 Datasheet
165Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=0.0065ohm, Id=16A)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFB4710 IRF-IRFB4710 Datasheet
245Kb / 11P
Power MOSFET(Vdss=100v, Rds(on)max=0.014ohm, Id=75A)
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
IRL3714 IRF-IRL3714 Datasheet
127Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com