Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR3711 Datasheet (PDF) - International Rectifier

IRFR3711 Datasheet PDF - International Rectifier
Part # IRFR3711
Download  IRFR3711 Download
File Size   239.52 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??

IRFR3711 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR3711 Datasheet PDF - International Rectifier

Part # IRFR3711
Download  IRFR3711 Click to download

File Size   239.52 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??

IRFR3711 Datasheet (HTML) - International Rectifier


IRFR3711 Product details

Benefits
● Ultra-Low Gate Impedance
● Very Low RDS(on) at 4.5V VGS
● Fully Characterized Avalanche Voltage and Current

Applications
● High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
● High Frequency Buck Converters for Server Processor Power Synchronous FET
● Optimized for Synchronous Buck Converters Including Capacitive Induced Turn-on Immunity




Similar Part No. - IRFR3711

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFR3711 ISC-IRFR3711 Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFR3711PBF IRF-IRFR3711PBF Datasheet
236Kb / 11P
HEXFET Power MOSFET
IRFR3711PBF IRF-IRFR3711PBF Datasheet
237Kb / 11P
High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRFR3711TRPBF IRF-IRFR3711TRPBF Datasheet
237Kb / 11P
High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRFR3711Z IRF-IRFR3711Z Datasheet
219Kb / 11P
HEXFET Power MOSFET
More results


Similar Description - IRFR3711

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF3711 IRF-IRF3711 Datasheet
245Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=6.0mohm, Id=110A??
IRF7456 IRF-IRF7456 Datasheet
165Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=0.0065ohm, Id=16A)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRL3714 IRF-IRL3714 Datasheet
127Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com