Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7456 Datasheet (PDF) - International Rectifier

IRF7456 Datasheet PDF - International Rectifier
Part # IRF7456
Download  IRF7456 Download
File Size   165.78 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)max=0.0065ohm, Id=16A)

IRF7456 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7456 Datasheet PDF - International Rectifier

Part # IRF7456
Download  IRF7456 Click to download

File Size   165.78 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)max=0.0065ohm, Id=16A)

IRF7456 Datasheet (HTML) - International Rectifier


IRF7456 Product details

Benefits
● Ultra-Low RDS(on) at 4.5V VGS
● Low Charge and Low Gate Impedance to Reduce Switching Losses
● Fully Characterized Avalanche Voltage and Current

Applications
● High Frequency DC-DC Converters with Synchronous Rectification




Similar Part No. - IRF7456

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7456 UMW-IRF7456 Datasheet
548Kb / 8P
30V N-Channel MOSFET
logo
International Rectifier
IRF7456PBF IRF-IRF7456PBF Datasheet
174Kb / 8P
SMPS MOSFET
IRF7456PBF IRF-IRF7456PBF Datasheet
211Kb / 8P
High Frequency DC-DC Converters with Synchronous Rectification
IRF7456PBF-1 IRF-IRF7456PBF-1 Datasheet
197Kb / 8P
Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
Industry-standard pinout SO-8 Package
More results


Similar Description - IRF7456

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF3711 IRF-IRF3711 Datasheet
245Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=6.0mohm, Id=110A??
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFB17N20D IRF-IRFB17N20D Datasheet
194Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.17ohm, Id=16A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
IRL3714 IRF-IRL3714 Datasheet
127Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com