Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFB4710 Datasheet (PDF) - International Rectifier

IRFB4710 Datasheet PDF - International Rectifier
Part # IRFB4710
Download  IRFB4710 Download
File Size   245.14 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100v, Rds(on)max=0.014ohm, Id=75A)

IRFB4710 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFB4710 Datasheet PDF - International Rectifier

Part # IRFB4710
Download  IRFB4710 Click to download

File Size   245.14 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100v, Rds(on)max=0.014ohm, Id=75A)

IRFB4710 Datasheet (HTML) - International Rectifier


IRFB4710 Product details

Benefits
● Low Gate-to-Drain Charge to Reduce Switching Losses
● Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001)
● Fully Characterized Avalanche Voltage and Current

Applications
● High frequency DC-DC converters
● Motor Control
● Uninterrutible Power Supplies




Similar Part No. - IRFB4710

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB4710 ISC-IRFB4710 Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFB4710PBF IRF-IRFB4710PBF Datasheet
667Kb / 12P
HEXFET짰 Power MOSFET
IRFB4710PBF IRF-IRFB4710PBF Datasheet
668Kb / 12P
High frequency DC-DC converters
IRFB4710PBF IRF-IRFB4710PBF_15 Datasheet
668Kb / 12P
High frequency DC-DC converters
More results


Similar Description - IRFB4710

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF7452 IRF-IRF7452 Datasheet
104Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
IRFB59N10D IRF-IRFB59N10D Datasheet
138Kb / 11P
Power MOSFET(Vdss=100V, Rds(on)max=0.025ohm, Id=59A)
IRFP054 IRF-IRFP054 Datasheet
170Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.014ohm, Id=70*A)
IRFP4710 IRF-IRFP4710 Datasheet
103Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)max=0.014ohm, Id=72A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com