Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1302S Datasheet (PDF) - International Rectifier

IRF1302S Datasheet PDF - International Rectifier
Part # IRF1302S
Download  IRF1302S Download
File Size   229.09 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??

IRF1302S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF1302S Datasheet PDF - International Rectifier

Part # IRF1302S
Download  IRF1302S Click to download

File Size   229.09 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??

IRF1302S Datasheet (HTML) - International Rectifier


IRF1302S Product details

Description
Specifically designed for Automotive applications, this Stripe Planar design of HEXFET® Power MOSFET utilizes the lastest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this design are a 175°C junction operating temperature, fast switching speed and improved repetitive avalanche rating. These benefits combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.

Benefits
● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Repetitive Avalanche Allowed up to Tjmax




Similar Part No. - IRF1302S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
IRF1302PBF IRF-IRF1302PBF Datasheet
165Kb / 10P
AUTOMOTIVE MOSFET ( VDSS = 20V , RDS(on) = 4.0m廓 , ID = 180A )
More results


Similar Description - IRF1302S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
IRL3102 IRF-IRL3102 Datasheet
96Kb / 7P
Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com