Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR3708 Datasheet (PDF) - International Rectifier

IRFR3708 Datasheet PDF - International Rectifier
Part # IRFR3708
Download  IRFR3708 Download
File Size   129.63 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??

IRFR3708 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR3708 Datasheet PDF - International Rectifier

Part # IRFR3708
Download  IRFR3708 Click to download

File Size   129.63 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??

IRFR3708 Datasheet (HTML) - International Rectifier


IRFR3708 Product details

Applications

• High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use

• High Frequency Buck Converters for Computer Processor Power



Benefits

• Ultra-Low Gate Impedance

• Very Low RDS(on) at 4.5V VGS

• Fully Characterized Avalanche Voltage and Current



 




Similar Part No. - IRFR3708

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3708 KERSEMI-IRFR3708 Datasheet
3Mb / 9P
SMPS MOSFET
logo
Inchange Semiconductor ...
IRFR3708 ISC-IRFR3708 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFR3708PBF IRF-IRFR3708PBF Datasheet
225Kb / 10P
HEXFET짰Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR3708PBF KERSEMI-IRFR3708PBF Datasheet
3Mb / 9P
SMPS MOSFET
IRFR3708PBF KERSEMI-IRFR3708PBF Datasheet
3Mb / 9P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
More results


Similar Description - IRFR3708

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3703 IRF-IRF3703 Datasheet
95Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A??
IRF3707 IRF-IRF3707 Datasheet
143Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A)
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFR3707 IRF-IRFR3707 Datasheet
136Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)max=13mohm, Id=61A??
IRL3102 IRF-IRL3102 Datasheet
96Kb / 7P
Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com