Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3707 Datasheet (PDF) - International Rectifier

IRF3707 Datasheet PDF - International Rectifier
Part # IRF3707
Download  IRF3707 Download
File Size   143.53 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A)

IRF3707 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF3707 Datasheet PDF - International Rectifier

Part # IRF3707
Download  IRF3707 Click to download

File Size   143.53 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A)

IRF3707 Datasheet (HTML) - International Rectifier


IRF3707 Product details

SMPS MOSFET

Benefits
● Ultra-Low Gate Impedance
● Very Low RDS(on)
● Fully Characterized Avalanche Voltage and Current

Applications
● High Frequency DC-DC Isolated
   Converters with Synchronous Rectification
   for Telecom and Industrial use
● High Frequency Buck Converters for
   Computer Processor Power




Similar Part No. - IRF3707

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3707 IRF-IRF3707 Datasheet
152Kb / 11P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707L IRF-IRF3707L Datasheet
152Kb / 11P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707LPBF IRF-IRF3707LPBF Datasheet
278Kb / 10P
HEXFET Power MOSFET
IRF3707LPBF IRF-IRF3707LPBF Datasheet
287Kb / 11P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707PBF IRF-IRF3707PBF Datasheet
278Kb / 10P
HEXFET Power MOSFET
More results


Similar Description - IRF3707

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3703 IRF-IRF3703 Datasheet
95Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A??
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRF3709 IRF-IRF3709 Datasheet
121Kb / 11P
Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFR3707 IRF-IRFR3707 Datasheet
136Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)max=13mohm, Id=61A??
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com