Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7463 Datasheet (PDF) - International Rectifier

IRF7463 Datasheet PDF - International Rectifier
Part # IRF7463
Download  IRF7463 Download
File Size   84.73 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)

IRF7463 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7463 Datasheet PDF - International Rectifier

Part # IRF7463
Download  IRF7463 Click to download

File Size   84.73 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)

IRF7463 Datasheet (HTML) - International Rectifier


IRF7463 Product details

SMPS MOSFET

Benefits
• Ultra-Low RDS(on) at 4.5V VGS
• Low Charge and Low Gate Impedance to Reduce Switching Losses
• Fully Characterized Avalanche Voltage and Current

Applications
• High Frequency DC-DC Converters with Synchronous Rectification




Similar Part No. - IRF7463

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7463PBF IRF-IRF7463PBF Datasheet
176Kb / 8P
HEXFET Power MOSFET
IRF7463PBF IRF-IRF7463PBF Datasheet
182Kb / 8P
High Frequency Buck Converters for Computer Processor Power
IRF7463PBF IRF-IRF7463PBF_15 Datasheet
182Kb / 8P
High Frequency Buck Converters for Computer Processor Power
logo
VBsemi Electronics Co.,...
IRF7463TRPBF VBSEMI-IRF7463TRPBF Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - IRF7463

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP450N IRF-IRFP450N Datasheet
121Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.37ohm, Id=14A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com