Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFI3205 Datasheet (PDF) - International Rectifier

IRFI3205 Datasheet PDF - International Rectifier
Part # IRFI3205
Download  IRFI3205 Download
File Size   107.55 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)

IRFI3205 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI3205 Datasheet PDF - International Rectifier

Part # IRFI3205
Download  IRFI3205 Click to download

File Size   107.55 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)

IRFI3205 Datasheet (HTML) - International Rectifier


IRFI3205 Product details

Through-Hole Packags

TO-220 FullPak (Fully Isolated)




Similar Part No. - IRFI3205

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFI3205 ISC-IRFI3205 Datasheet
260Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFI3205PBF IRF-IRFI3205PBF Datasheet
276Kb / 9P
HEXFET짰 Power MOSFET
IRFI3205PBF IRF-IRFI3205PBF Datasheet
282Kb / 8P
ADVANCED PROCESS TECHNOLOGY
logo
Infineon Technologies A...
IRFI3205PBF INFINEON-IRFI3205PBF Datasheet
510Kb / 9P
Advanced Process Technology
2017-04-27
logo
International Rectifier
IRFI3205PBF IRF-IRFI3205PBF_15 Datasheet
282Kb / 8P
ADVANCED PROCESS TECHNOLOGY
More results


Similar Description - IRFI3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF5N3205 IRF-IRF5N3205 Datasheet
118Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFP048N IRF-IRFP048N Datasheet
117Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=64A)
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com