Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF5N3205 Datasheet (PDF) - International Rectifier

IRF5N3205 Datasheet PDF - International Rectifier
Part # IRF5N3205
Download  IRF5N3205 Download
File Size   118.77 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)

IRF5N3205 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF5N3205 Datasheet PDF - International Rectifier

Part # IRF5N3205
Download  IRF5N3205 Click to download

File Size   118.77 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)

IRF5N3205 Datasheet (HTML) - International Rectifier


IRF5N3205 Product details

Fifth Generation HEXFET® power MOSFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon unit area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications.

Features:
■ Low RDS(on)
■ Avalanche Energy Ratings
■ Dynamic dv/dt Rating
■ Simple Drive Requirements
■ Ease of Paralleling
■ Hermetically Sealed
■ Light Weight




Similar Part No. - IRF5N3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5N3205 IRF-IRF5N3205 Datasheet
171Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF5N3205 IRF-IRF5N3205 Datasheet
176Kb / 7P
Avalanche Energy Ratings
IRF5N3205 IRF-IRF5N3205_05 Datasheet
171Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF5N3205 IRF-IRF5N3205_15 Datasheet
176Kb / 7P
Avalanche Energy Ratings
More results


Similar Description - IRF5N3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5M3205 IRF-IRF5M3205 Datasheet
113Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.015ohm, Id=35A)
IRF5N4905 IRF-IRF5N4905 Datasheet
119Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.024ohm, Id=-55A*)
IRF5NJZ48 IRF-IRF5NJZ48 Datasheet
116Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.016ohm, Id=22A*)
IRF5Y3205CM IRF-IRF5Y3205CM Datasheet
103Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
IRF5YZ48CM IRF-IRF5YZ48CM Datasheet
105Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.029ohm, Id=18A*)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
IRFZ44V IRF-IRFZ44V Datasheet
229Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=16.5mw, Id=55A)
IRFZ44VS IRF-IRFZ44VS Datasheet
145Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com