Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF5M3205 Datasheet (PDF) - International Rectifier

IRF5M3205 Datasheet PDF - International Rectifier
Part # IRF5M3205
Download  IRF5M3205 Download
File Size   113.3 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.015ohm, Id=35A)

IRF5M3205 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF5M3205 Datasheet PDF - International Rectifier

Part # IRF5M3205
Download  IRF5M3205 Click to download

File Size   113.3 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.015ohm, Id=35A)

IRF5M3205 Datasheet (HTML) - International Rectifier




Similar Part No. - IRF5M3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5M3205 IRF-IRF5M3205 Datasheet
115Kb / 7P
HEXFET짰 POWER MOSFET THRU-HOLE (TO-254AA)
IRF5M3205 IRF-IRF5M3205 Datasheet
115Kb / 7P
Avalanche Energy Ratings
IRF5M3205SCV IRF-IRF5M3205SCV Datasheet
115Kb / 7P
HEXFET짰 POWER MOSFET THRU-HOLE (TO-254AA)
IRF5M3205 IRF-IRF5M3205_15 Datasheet
115Kb / 7P
Avalanche Energy Ratings
More results


Similar Description - IRF5M3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF5M3415 IRF-IRF5M3415 Datasheet
113Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=10V, Rds(on)=0.049ohm,Id=35A)
IRF5M3710 IRF-IRF5M3710 Datasheet
114Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.03ohm, Id=35A)
IRF5M4905 IRF-IRF5M4905 Datasheet
115Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.03ohm, Id=-35A*)
IRF5N3205 IRF-IRF5N3205 Datasheet
118Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)
IRF5NJZ48 IRF-IRF5NJZ48 Datasheet
116Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.016ohm, Id=22A*)
IRF5Y3205CM IRF-IRF5Y3205CM Datasheet
103Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
IRF5YZ48CM IRF-IRF5YZ48CM Datasheet
105Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.029ohm, Id=18A*)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFPS3815 IRF-IRFPS3815 Datasheet
101Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com