Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF5M3710 Datasheet (PDF) - International Rectifier

IRF5M3710 Datasheet PDF - International Rectifier
Part # IRF5M3710
Download  IRF5M3710 Download
File Size   114.27 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.03ohm, Id=35A)

IRF5M3710 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF5M3710 Datasheet PDF - International Rectifier

Part # IRF5M3710
Download  IRF5M3710 Click to download

File Size   114.27 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.03ohm, Id=35A)

IRF5M3710 Datasheet (HTML) - International Rectifier


IRF5M3710 Product details

Fifth Generation HEXFET® power MOSFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon unit area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications.
These devices are well-suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers and high-energy pulse circuits.

Features:
■ Low RDS(on)
■ Avalanche Energy Ratings
■ Dynamic dv/dt Rating
■ Simple Drive Requirements
■ Ease of Paralleling
■ Hermetically Sealed
■ Light Weight




Similar Part No. - IRF5M3710

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5M3710 IRF-IRF5M3710 Datasheet
158Kb / 7P
Avalanche Energy Ratings
IRF5M3710 IRF-IRF5M3710_15 Datasheet
158Kb / 7P
Avalanche Energy Ratings
More results


Similar Description - IRF5M3710

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310 Datasheet
238Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A)
IRF5M3205 IRF-IRF5M3205 Datasheet
113Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.015ohm, Id=35A)
IRF5M3415 IRF-IRF5M3415 Datasheet
113Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=10V, Rds(on)=0.049ohm,Id=35A)
IRF5M4905 IRF-IRF5M4905 Datasheet
115Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.03ohm, Id=-35A*)
IRF5N3710 IRF-IRF5N3710 Datasheet
116Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
IRF5NJ540 IRF-IRF5NJ540 Datasheet
115Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*)
IRF5Y1310CM IRF-IRF5Y1310CM Datasheet
107Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
IRF5Y3710CM IRF-IRF5Y3710CM Datasheet
105Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.035ohm, Id=18A*)
IRF5Y540CM IRF-IRF5Y540CM Datasheet
99Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.058ohm, Id=18A*)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com