Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3709 Datasheet (PDF) - International Rectifier

IRF3709 Datasheet PDF - International Rectifier
Part # IRF3709
Download  IRF3709 Download
File Size   121.99 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??

IRF3709 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF3709 Datasheet PDF - International Rectifier

Part # IRF3709
Download  IRF3709 Click to download

File Size   121.99 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??

IRF3709 Datasheet (HTML) - International Rectifier


IRF3709 Product details

SMPS MOSFET

Benefits
● Ultra-Low Gate Impedance
● Very Low RDS(on) at 4.5V VGS
● Fully Characterized Avalanche Voltage and Current

Applications
● High Frequency Isolated DC-DC
   Converters with Synchronous Rectification
   for Telecom and Industrial Use
● High Frequency Buck Converters for
   Server Processor Power Synchronous FET
● Optimized for Synchronous Buck
   Converters Including Capacitive Induced
   Turn-on Immunity




Similar Part No. - IRF3709

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF3709 ISC-IRF3709 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRF3709LPBF IRF-IRF3709LPBF Datasheet
227Kb / 11P
SMPS MOSFET
IRF3709LPBF IRF-IRF3709LPBF Datasheet
236Kb / 12P
High Frequency Buck Converters for Server Processor Power Synchronous FET
IRF3709PBF IRF-IRF3709PBF Datasheet
227Kb / 11P
SMPS MOSFET
IRF3709PBF IRF-IRF3709PBF Datasheet
236Kb / 12P
High Frequency Buck Converters for Server Processor Power Synchronous FET
More results


Similar Description - IRF3709

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3703 IRF-IRF3703 Datasheet
95Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A??
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFP054V IRF-IRFP054V Datasheet
216Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=9.0mohm, Id=93A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com