Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7204 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7204
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7204 Datasheet(HTML) 1 Page - International Rectifier

  IRF7204 Datasheet HTML 1Page - International Rectifier IRF7204 Datasheet HTML 2Page - International Rectifier IRF7204 Datasheet HTML 3Page - International Rectifier IRF7204 Datasheet HTML 4Page - International Rectifier IRF7204 Datasheet HTML 5Page - International Rectifier IRF7204 Datasheet HTML 6Page - International Rectifier IRF7204 Datasheet HTML 7Page - International Rectifier IRF7204 Datasheet HTML 8Page - International Rectifier IRF7204 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
PD - 9.1103B
l Adavanced Process Technology
l Ultra Low On-Resistance
l P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
Description
Fourth Generation HEXFETs from International
Rectifier utilize advanced processing techniques to
achieve the lowest possible on-resistance per silicon
area. This benefit, combined with the fast switching
speed and ruggedized device design that HEXFET
Power MOSFETs are well known for, provides the
designer with an extremely efficient device for use in
a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
dual-die capability making it ideal in a variety of power
applications.
With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
IRF7204
SO-8
VDSS = -20V
RDS(on) = 0.060Ω
ID = -5.3A
8/25/97
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
Parameter
Min.
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
50
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
-5.3
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
-4.2
IDM
Pulsed Drain Current

-21
PD @TC = 25°C
Power Dissipation
2.5
Linear Derating Factor
0.020
W/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt
‚
-1.7
V/nS
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
Absolute Maximum Ratings
A
Thermal Resistance Ratings
W
°C


Similar Part No. - IRF7204

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRF7204 EVVOSEMI-IRF7204 Datasheet
1Mb / 7P
- 30V P - Channel Enhancement Mode MOSFET
logo
International Rectifier
IRF7204PBF IRF-IRF7204PBF Datasheet
243Kb / 9P
HEXFET짰 Power MOSFET
IRF7204PBF IRF-IRF7204PBF Datasheet
249Kb / 9P
ADVANCED PROCESS TECHNOLOGY
IRF7204PBF IRF-IRF7204PBF_15 Datasheet
249Kb / 9P
ADVANCED PROCESS TECHNOLOGY
logo
Guangdong Youtai Semico...
IRF7204TR UMW-IRF7204TR Datasheet
1Mb / 7P
- 30V P - Channel Enhancement Mode MOSFET
More results

Similar Description - IRF7204

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
IRF1302S IRF-IRF1302S Datasheet
229Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF5N5210 IRF-IRF5N5210 Datasheet
118Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.060ohm, Id=-31A)
IRF7452 IRF-IRF7452 Datasheet
104Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRFIZ24V IRF-IRFIZ24V Datasheet
83Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.060ohm, Id=14A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRL3102 IRF-IRL3102 Datasheet
96Kb / 7P
Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com