Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7204 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7204 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7204
Download  IRF7204 Download
File Size   1044.99 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description - 30V P - Channel Enhancement Mode MOSFET

IRF7204 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7204 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7204
Download  IRF7204 Click to download

File Size   1044.99 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description - 30V P - Channel Enhancement Mode MOSFET

IRF7204 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7204 Product details

General Description:
The IRF7204 is the single P-Channel logic
enhancement mode power field effect transistors to provide excellent RDS(on), low gate charge and low
gate resistance. It’s up to -30V operation voltage is well
suited in switching mode power supply, SMPS, notebook computer power management and other battery powered circuits.

Features:
RDS(ON)<55m @VGS=10V RDS(ON)<90m @VGS=4.5V
Super high density cell design for extremely low
RDS(ON) Exceptional on-resistance and maximum DC current

Applications:
Switching power supply, SMPS
Battery Powered System
DC/DC Converter
DC/AC Converter
Load Switch




Similar Part No. - IRF7204

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRF7204PBF IRF-IRF7204PBF Datasheet
243Kb / 9P
HEXFET짰 Power MOSFET
IRF7204PBF IRF-IRF7204PBF Datasheet
249Kb / 9P
ADVANCED PROCESS TECHNOLOGY
IRF7204PBF IRF-IRF7204PBF_15 Datasheet
249Kb / 9P
ADVANCED PROCESS TECHNOLOGY
logo
Guangdong Youtai Semico...
IRF7204TR UMW-IRF7204TR Datasheet
1Mb / 7P
- 30V P - Channel Enhancement Mode MOSFET
More results


Similar Description - IRF7204

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com