Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7204 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7204
Description  - 30V P - Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7204 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7204 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7204 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7204 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7204 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7204 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7204 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7204 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-30
-33
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
-
-
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-0.8 -1.2
-2.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-5.1A
-
43
55
mΩ
VGS=-4.5V, ID=-4.2A
-
62
90
mΩ
Forward Transconductance
gFS
VDS=-15V,ID=-4.5A
4
7
-
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
VDS=-15V,VGS=0V,
F=1.0MHz
-
520
-
PF
Output Capacitance
Coss
-
130
-
PF
Reverse Transfer Capacitance
Crss
-
70
-
PF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
VDD=-15V, ID=-1A, VGS=-
10V,RGEN=6Ω
-
7
-
nS
Turn-on Rise Time
tr
-
13
-
nS
Turn-Off Delay Time
td(off)
-
14
-
nS
Turn-Off Fall Time
tf
-
9
-
nS
Total Gate Charge
Qg
VDS=-15V,ID=-5.1A,VGS=-
10V
-
11
-
nC
Gate-Source Charge
Qgs
-
2.2
-
nC
Gate-Drain Charge
Qgd
-
3
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-5.1A
-
-
-1.2
V
2
-30V P - Channel Enhancement Mode MOSFET
IRF7204



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com