Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7204 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7204
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7204 Datasheet(HTML) 3 Page - International Rectifier

  IRF7204 Datasheet HTML 1Page - International Rectifier IRF7204 Datasheet HTML 2Page - International Rectifier IRF7204 Datasheet HTML 3Page - International Rectifier IRF7204 Datasheet HTML 4Page - International Rectifier IRF7204 Datasheet HTML 5Page - International Rectifier IRF7204 Datasheet HTML 6Page - International Rectifier IRF7204 Datasheet HTML 7Page - International Rectifier IRF7204 Datasheet HTML 8Page - International Rectifier IRF7204 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF7204
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
-VDS , Drain-to-Source Voltage ( V )
-VDS , Drain-to-Source Voltage ( V )
-VGS , Gate-to-Source Voltage ( V )
TJ , Junction Temperature ( °C )



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com