Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFL014N Datasheet (PDF) - International Rectifier

IRFL014N Datasheet PDF - International Rectifier
Part # IRFL014N
Download  IRFL014N Download
File Size   144.1 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.16ohm, Id=1.9A)

IRFL014N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFL014N Datasheet PDF - International Rectifier

Part # IRFL014N
Download  IRFL014N Click to download

File Size   144.1 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.16ohm, Id=1.9A)

IRFL014N Datasheet (HTML) - International Rectifier


IRFL014N Product details

Description
Fifth Generation HEXFET® MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET® power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

● Surface Mount
● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● Fast Switching
● Fully Avalanche Rated




Similar Part No. - IRFL014N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL014NPBF IRF-IRFL014NPBF Datasheet
158Kb / 8P
HEXFET Power MOSFET
IRFL014NPBF IRF-IRFL014NPBF Datasheet
164Kb / 8P
Advanced Process Technology
IRFL014NPBF IRF-IRFL014NPBF_15 Datasheet
164Kb / 8P
Advanced Process Technology
IRFL014NTRPBF IRF-IRFL014NTRPBF Datasheet
164Kb / 8P
Advanced Process Technology
logo
TECH PUBLIC Electronics...
IRFL014NTRPBF TECHPUBLIC-IRFL014NTRPBF Datasheet
1Mb / 5P
N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - IRFL014N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF530 IRF-IRF530 Datasheet
175Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFIBF30G IRF-IRFIBF30G Datasheet
167Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=1.9A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFR9210 IRF-IRFR9210 Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com