Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFIBF30G Datasheet (PDF) - International Rectifier

IRFIBF30G Datasheet PDF - International Rectifier
Part # IRFIBF30G
Download  IRFIBF30G Download
File Size   167.58 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=1.9A)

IRFIBF30G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFIBF30G Datasheet PDF - International Rectifier

Part # IRFIBF30G
Download  IRFIBF30G Click to download

File Size   167.58 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=1.9A)

IRFIBF30G Datasheet (HTML) - International Rectifier


IRFIBF30G Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Isolated Package
• High Voltage Isolation = 2.5 KVRMS
• Sink to Lead Creepage Dis. = 4.8 mm
• Dynamic dV/dt Rating
• Low Thermal Resistance
• Lead-Free




Similar Part No. - IRFIBF30G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFIBF30G VISHAY-IRFIBF30G Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
logo
International Rectifier
IRFIBF30GPBF IRF-IRFIBF30GPBF Datasheet
920Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFIBF30GPBF VISHAY-IRFIBF30GPBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRFIBF30G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBF20 IRF-IRFBF20 Datasheet
168Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFBF20S IRF-IRFBF20S Datasheet
311Kb / 10P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFBF30 IRF-IRFBF30 Datasheet
166Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFIBF20G IRF-IRFIBF20G Datasheet
168Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.2A)
IRFL014N IRF-IRFL014N Datasheet
144Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.16ohm, Id=1.9A)
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFPF40 IRF-IRFPF40 Datasheet
170Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=2.5ohm, Id=4.7A)
IRFPF50 IRF-IRFPF50 Datasheet
167Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=1.6ohm, Id=6.7A)
IRFR9210 IRF-IRFR9210 Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A)
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com