Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPF50 Datasheet (PDF) - International Rectifier

IRFPF50 Datasheet PDF - International Rectifier
Part # IRFPF50
Download  IRFPF50 Download
File Size   167.31 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=900V, Rds(on)=1.6ohm, Id=6.7A)

IRFPF50 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFPF50 Datasheet PDF - International Rectifier

Part # IRFPF50
Download  IRFPF50 Click to download

File Size   167.31 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=900V, Rds(on)=1.6ohm, Id=6.7A)

IRFPF50 Datasheet (HTML) - International Rectifier


IRFPF50 Product details

DESCRIPTION
Third Generation HEXFETs International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because its isolated mounting hole. It also provides greater creepage distances between pins to meet the requirements of most safety specifications.

• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Isolated Central Mounting Hole
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRFPF50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFPF50 VISHAY-IRFPF50 Datasheet
1Mb / 8P
Power MOSFET
17-Jul-08
IRFPF50 VISHAY-IRFPF50 Datasheet
849Kb / 11P
Power MOSFET
31-Jan-2022
IRFPF50PBF VISHAY-IRFPF50PBF Datasheet
1Mb / 8P
Power MOSFET
17-Jul-08
IRFPF50PBF VISHAY-IRFPF50PBF Datasheet
849Kb / 11P
Power MOSFET
31-Jan-2022
IRFPF50 VISHAY-IRFPF50_V01 Datasheet
849Kb / 11P
Power MOSFET
31-Jan-2022
More results


Similar Description - IRFPF50

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9Z14 IRF-IRF9Z14 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A)
IRF9Z14S IRF-IRF9Z14S Datasheet
361Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A)
IRFBF20 IRF-IRFBF20 Datasheet
168Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFBF20S IRF-IRFBF20S Datasheet
311Kb / 10P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFBF30 IRF-IRFBF30 Datasheet
166Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFIBF20G IRF-IRFIBF20G Datasheet
168Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.2A)
IRFIBF30G IRF-IRFIBF30G Datasheet
167Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=1.9A)
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFPF40 IRF-IRFPF40 Datasheet
170Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=2.5ohm, Id=4.7A)
IRF9Z14PBF IRF-IRF9Z14PBF Datasheet
257Kb / 8P
HEXFET Power MOSFET ( VDSS = -60V , RDS(on) = 0.50廓 , ID = -6.7A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com