Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9Z14S Datasheet (PDF) - International Rectifier

IRF9Z14S Datasheet PDF - International Rectifier
Part # IRF9Z14S
Download  IRF9Z14S Download
File Size   361.78 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A)

IRF9Z14S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9Z14S Datasheet PDF - International Rectifier

Part # IRF9Z14S
Download  IRF9Z14S Click to download

File Size   361.78 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A)

IRF9Z14S Datasheet (HTML) - International Rectifier


IRF9Z14S Product details

Description
Third Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRF9Z14L) is available for low profile applications.

● Advanced Process Technology
● Surface Mount (IRF9Z14S)
● Low-profile through-hole (IRF9Z14L)
● 175°C Operating Temperature
● Fast Switching
● P- Channel
● Fully Avalanche Rated




Similar Part No. - IRF9Z14S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF9Z14S VISHAY-IRF9Z14S Datasheet
229Kb / 10P
Power MOSFET
30-Aug-2021
IRF9Z14SPBF VISHAY-IRF9Z14SPBF Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF9Z14SPBF VISHAY-IRF9Z14SPBF Datasheet
229Kb / 10P
Power MOSFET
30-Aug-2021
IRF9Z14STRL VISHAY-IRF9Z14STRL Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
More results


Similar Description - IRF9Z14S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9640S IRF-IRF9640S Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9Z14 IRF-IRF9Z14 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFI9640G IRF-IRFI9640G Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFP9240 IRF-IRFP9240 Datasheet
166Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-12A)
IRFPF50 IRF-IRFPF50 Datasheet
167Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=1.6ohm, Id=6.7A)
IRFR9014 IRF-IRFR9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A)
IRF9Z14PBF IRF-IRF9Z14PBF Datasheet
257Kb / 8P
HEXFET Power MOSFET ( VDSS = -60V , RDS(on) = 0.50廓 , ID = -6.7A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com