Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD9014 Datasheet (PDF) - International Rectifier

IRFD9014 Datasheet PDF - International Rectifier
Part # IRFD9014
Download  IRFD9014 Download
File Size   177.51 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)

IRFD9014 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFD9014 Datasheet PDF - International Rectifier

Part # IRFD9014
Download  IRFD9014 Click to download

File Size   177.51 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)

IRFD9014 Datasheet (HTML) - International Rectifier


IRFD9014 Product details




Similar Part No. - IRFD9014

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFD9014 VISHAY-IRFD9014 Datasheet
839Kb / 8P
Power MOSFET
13-Jun-08
IRFD9014 VISHAY-IRFD9014 Datasheet
858Kb / 9P
Power MOSFET
30-Aug-2021
IRFD9014 VISHAY-IRFD9014 Datasheet
831Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRFD9014PBF IRF-IRFD9014PBF Datasheet
1Mb / 8P
HEXFET짰 POWER MOSFET
logo
Vishay Siliconix
IRFD9014PBF VISHAY-IRFD9014PBF Datasheet
839Kb / 8P
Power MOSFET
13-Jun-08
More results


Similar Description - IRFD9014

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9640S IRF-IRF9640S Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9Z14 IRF-IRF9Z14 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A)
IRF9Z14S IRF-IRF9Z14S Datasheet
361Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A)
IRFI9640G IRF-IRFI9640G Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFL9110 IRF-IRFL9110 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-1.1A)
IRFP9240 IRF-IRFP9240 Datasheet
166Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-12A)
IRFR9014 IRF-IRFR9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com