Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFL9110 Datasheet (PDF) - International Rectifier

IRFL9110 Datasheet PDF - International Rectifier
Part # IRFL9110
Download  IRFL9110 Download
File Size   171.51 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-1.1A)

IRFL9110 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFL9110 Datasheet PDF - International Rectifier

Part # IRFL9110
Download  IRFL9110 Click to download

File Size   171.51 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-1.1A)

IRFL9110 Datasheet (HTML) - International Rectifier


IRFL9110 Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The SOT-223 package is designed for surface-mount using vapor phase, infra red, or wave soldering techniques. Its unique package design allows for easy automatic pick-and place as with other SOT or SOIC packages but has the added advantage of improved thermal performance due to an enlarged tab for heatsinking. Power dissipation of grreater than 1.25W is possible in a typical surface mount application.

● Surface Mount)
● Available in Tape & Reel
● Dynamic dv/dt Rating
● Repetitive Avalanche Rated
● P-Channel
● Fast Switching
● Ease of Paralleling
 

 




Similar Part No. - IRFL9110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFL9110 VISHAY-IRFL9110 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRFL9110 VISHAY-IRFL9110 Datasheet
360Kb / 9P
Power MOSFET
18-Aug-14
IRFL9110 VISHAY-IRFL9110 Datasheet
357Kb / 9P
Power MOSFET
05-Apr-2021
logo
International Rectifier
IRFL9110PBF IRF-IRFL9110PBF Datasheet
223Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -1.1A )
logo
Vishay Siliconix
IRFL9110PBF VISHAY-IRFL9110PBF Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
More results


Similar Description - IRFL9110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9510 IRF-IRF9510 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFD9110 IRF-IRFD9110 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-0.70A)
IRFIBC40G IRF-IRFIBC40G Datasheet
170Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFIBC40GLC IRF-IRFIBC40GLC Datasheet
229Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
IRFL9110PBF IRF-IRFL9110PBF Datasheet
223Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -1.1A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com