Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBF20S Datasheet (PDF) - International Rectifier

IRFBF20S Datasheet PDF - International Rectifier
Part # IRFBF20S
Download  IRFBF20S Download
File Size   311.85 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)

IRFBF20S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBF20S Datasheet PDF - International Rectifier

Part # IRFBF20S
Download  IRFBF20S Click to download

File Size   311.85 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)

IRFBF20S Datasheet (HTML) - International Rectifier


IRFBF20S Product details

Description
Third generation HEXFETs from international Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Surface Mount (IRFBF20S)
• Low-profile through-hole (IRFBF20L)
• Available in Tape & Reel (IRFBF20S)
• Dynamic dv/dt Rating
• 150°C Operating Temperature
• Fast Switching
• Fully Avalanche Rated




Similar Part No. - IRFBF20S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBF20S VISHAY-IRFBF20S Datasheet
940Kb / 8P
Power MOSFET
23-Jun-08
IRFBF20S VISHAY-IRFBF20S Datasheet
312Kb / 11P
Power MOSFET
13-Apr-2020
logo
International Rectifier
IRFBF20SPBF IRF-IRFBF20SPBF Datasheet
373Kb / 10P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFBF20SPBF VISHAY-IRFBF20SPBF Datasheet
940Kb / 8P
Power MOSFET
23-Jun-08
IRFBF20SPBF VISHAY-IRFBF20SPBF Datasheet
312Kb / 11P
Power MOSFET
13-Apr-2020
More results


Similar Description - IRFBF20S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBF20 IRF-IRFBF20 Datasheet
168Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFBF30 IRF-IRFBF30 Datasheet
166Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFIBC20G IRF-IRFIBC20G Datasheet
167Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=1.7A)
IRFIBF20G IRF-IRFIBF20G Datasheet
168Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.2A)
IRFIBF30G IRF-IRFIBF30G Datasheet
167Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=1.9A)
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFPF40 IRF-IRFPF40 Datasheet
170Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=2.5ohm, Id=4.7A)
IRFPF50 IRF-IRFPF50 Datasheet
167Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=1.6ohm, Id=6.7A)
IRFR310 IRF-IRFR310 Datasheet
173Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=1.7A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com