Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR310 Datasheet (PDF) - International Rectifier

IRFR310 Datasheet PDF - International Rectifier
Part # IRFR310
Download  IRFR310 Download
File Size   173.78 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=1.7A)

IRFR310 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR310 Datasheet PDF - International Rectifier

Part # IRFR310
Download  IRFR310 Click to download

File Size   173.78 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=1.7A)

IRFR310 Datasheet (HTML) - International Rectifier


IRFR310 Product details





Similar Part No. - IRFR310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFR310 VISHAY-IRFR310 Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
logo
Kersemi Electronic Co.,...
IRFR310 KERSEMI-IRFR310 Datasheet
3Mb / 7P
Power MOSFET
IRFR310 KERSEMI-IRFR310 Datasheet
3Mb / 7P
Power MOSFET
logo
Inchange Semiconductor ...
IRFR310 ISC-IRFR310 Datasheet
332Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFR310 VISHAY-IRFR310 Datasheet
835Kb / 13P
Power MOSFET
19-Jul-2021
More results


Similar Description - IRFR310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFBF20 IRF-IRFBF20 Datasheet
168Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFBF20S IRF-IRFBF20S Datasheet
311Kb / 10P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFD310 IRF-IRFD310 Datasheet
459Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=0.35A)
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFIBC20G IRF-IRFIBC20G Datasheet
167Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=1.7A)
IRFR310PBF IRF-IRFR310PBF Datasheet
1Mb / 10P
HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=3.6廓 , ID=1.7A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com