Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD310 Datasheet (PDF) - International Rectifier

IRFD310 Datasheet PDF - International Rectifier
Part # IRFD310
Download  IRFD310 Download
File Size   459.85 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=0.35A)

IRFD310 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFD310 Datasheet PDF - International Rectifier

Part # IRFD310
Download  IRFD310 Click to download

File Size   459.85 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=0.35A)

IRFD310 Datasheet (HTML) - International Rectifier


IRFD310 Product details

VDSS = 400V
RDS(on) = 3.6Ω
ID = 0.35A

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low onresistance and cost-effectiveness. The 4-pin DIP package is a low-cost machine-insertable case style which can be stacked in multiple combinations on standard 0.1 inch pin centers. The dual drain serves as a thermal link to the mounting surface for power dissipation levels up to 1 watt.

● Dynamic dv/dt Rating
● Repetitive Avalanche Rated
● For Automatic Insertion
● End Stackable
● Fast Switching
● Ease of paralleling
● Simple Drive Requirements




Similar Part No. - IRFD310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD310 INTERSIL-IRFD310 Datasheet
50Kb / 6P
0.4A, 400V, 3.600 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRFD310 VISHAY-IRFD310 Datasheet
1Mb / 8P
Power MOSFET
23-Jun-08
IRFD310 VISHAY-IRFD310 Datasheet
528Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRFD310PBF IRF-IRFD310PBF Datasheet
1Mb / 8P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFD310PBF VISHAY-IRFD310PBF Datasheet
1Mb / 8P
Power MOSFET
23-Jun-08
More results


Similar Description - IRFD310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC730 IRF-IRC730 Datasheet
223Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=5.5A)
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
IRFI740G IRF-IRFI740G Datasheet
169Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFP350 IRF-IRFP350 Datasheet
161Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFP350LC IRF-IRFP350LC Datasheet
333Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFR310 IRF-IRFR310 Datasheet
173Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=1.7A)
JANTX2N6786 IRF-JANTX2N6786 Datasheet
230Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=3.6ohm, Id=1.25A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com