Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP350 Datasheet (PDF) - International Rectifier

IRFP350 Datasheet PDF - International Rectifier
Part # IRFP350
Download  IRFP350 Download
File Size   161.9 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)

IRFP350 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP350 Datasheet PDF - International Rectifier

Part # IRFP350
Download  IRFP350 Click to download

File Size   161.9 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)

IRFP350 Datasheet (HTML) - International Rectifier


IRFP350 Product details

DESCRIPTION
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices.

• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Isolated Central Mounting Hole
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRFP350

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRFP350 SAMSUNG-IRFP350 Datasheet
215Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRFP350 INTERSIL-IRFP350 Datasheet
57Kb / 7P
16A, 400V, 0.300 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRFP350 VISHAY-IRFP350 Datasheet
1Mb / 8P
Power MOSFET
28-Jul-08
logo
Inchange Semiconductor ...
IRFP350 ISC-IRFP350 Datasheet
67Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP350 VISHAY-IRFP350 Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
More results


Similar Description - IRFP350

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC730 IRF-IRC730 Datasheet
223Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=5.5A)
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRF630N IRF-IRF630N Datasheet
155Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)=0.30ohm, Id=9.3A)
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
IRFI740G IRF-IRFI740G Datasheet
169Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFI9530G IRF-IRFI9530G Datasheet
174Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
IRFP350LC IRF-IRFP350LC Datasheet
333Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com