Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFI9530G Datasheet (PDF) - International Rectifier

IRFI9530G Datasheet PDF - International Rectifier
Part # IRFI9530G
Download  IRFI9530G Download
File Size   174.46 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)

IRFI9530G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI9530G Datasheet PDF - International Rectifier

Part # IRFI9530G
Download  IRFI9530G Click to download

File Size   174.46 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)

IRFI9530G Datasheet (HTML) - International Rectifier


IRFI9530G Product details





Similar Part No. - IRFI9530G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI9530G VISHAY-IRFI9530G Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFI9530G VISHAY-IRFI9530G Datasheet
603Kb / 10P
Power MOSFET
06-Sep-2021
logo
Inchange Semiconductor ...
IRFI9530G ISC-IRFI9530G Datasheet
298Kb / 2P
P-Channel MOSFET
logo
International Rectifier
IRFI9530GPBF IRF-IRFI9530GPBF Datasheet
3Mb / 7P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFI9530GPBF VISHAY-IRFI9530GPBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRFI9530G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF630N IRF-IRF630N Datasheet
155Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)=0.30ohm, Id=9.3A)
IRF9130 IRF-IRF9130 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRFP350 IRF-IRFP350 Datasheet
161Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFP350LC IRF-IRFP350LC Datasheet
333Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
JANTX2N6788 IRF-JANTX2N6788 Datasheet
238Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.30ohm, Id=6.0A)
IRFR014 IRF-IRFR014 Datasheet
172Kb / 6P
Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A)
IRFR120PBF IRF-IRFR120PBF Datasheet
2Mb / 10P
HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.27廓 , ID = 7.7A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com