Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP350LC Datasheet (PDF) - International Rectifier

IRFP350LC Datasheet PDF - International Rectifier
Part # IRFP350LC
Download  IRFP350LC Download
File Size   333.88 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)

IRFP350LC Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP350LC Datasheet PDF - International Rectifier

Part # IRFP350LC
Download  IRFP350LC Click to download

File Size   333.88 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)

IRFP350LC Datasheet (HTML) - International Rectifier


IRFP350LC Product details

Description
This new series of Low Charge HEXFET Power MOSFETs achieve significantly lower gate charge over conventional MOSFETs. Utilizing advanced Hexfet technology the device improvements allow for reduced gate drive requirements, faster switching speeds and increased total system savings. These device improvements combined with the proven ruggedness and reliability of HEXFETs offer the designer a new standard in power transistors for switching applications.

● Ultra Low Gate Charge
● Reduced Gate Drive Requirement
● Enhanced 30V Vgs Rating
● Reduced Ciss, Coss, Crss
● Isolated Central Mounting Hole
● Dynamic dv/dt Rated
● Repetitive Avalanche Rated




Similar Part No. - IRFP350LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP350LC VISHAY-IRFP350LC Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
logo
Inchange Semiconductor ...
IRFP350LC ISC-IRFP350LC Datasheet
409Kb / 2P
isc N-Channel MOSFET ransistor
logo
Vishay Siliconix
IRFP350LC VISHAY-IRFP350LC Datasheet
1Mb / 11P
Power MOSFET
14-Mar-11
IRFP350LC VISHAY-IRFP350LC Datasheet
1Mb / 11P
Power MOSFET
24-Jan-2022
IRFP350LCPBF VISHAY-IRFP350LCPBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRFP350LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC730 IRF-IRC730 Datasheet
223Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=5.5A)
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRF630N IRF-IRF630N Datasheet
155Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)=0.30ohm, Id=9.3A)
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
IRFI740G IRF-IRFI740G Datasheet
169Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFI9530G IRF-IRFI9530G Datasheet
174Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
IRFP350 IRF-IRFP350 Datasheet
161Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com