Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR014 Datasheet (PDF) - International Rectifier

IRFR014 Datasheet PDF - International Rectifier
Part # IRFR014
Download  IRFR014 Download
File Size   172.07 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A)

IRFR014 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR014 Datasheet PDF - International Rectifier

Part # IRFR014
Download  IRFR014 Click to download

File Size   172.07 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A)

IRFR014 Datasheet (HTML) - International Rectifier


IRFR014 Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The D-Pak is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for through-hole mounting applications. Power dissipation levels up to 1.5 Watts are possible in typical surface mount applications.

● Dynamic dV/dt Rating
● Surface Mount (IRFR014)
● Straight Lead (IRFU014)
● Available in Tape and Reel
● Fast Switching
● Ease of Paralleling
● Simple Drive Requirements




Similar Part No. - IRFR014

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRFR014 SAMSUNG-IRFR014 Datasheet
287Kb / 5P
N-CHANNEL POWER MOSFET
logo
Vishay Siliconix
IRFR014 VISHAY-IRFR014 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRFR014 VISHAY-IRFR014 Datasheet
1Mb / 10P
Power MOSFET
10-May-10
IRFR014 VISHAY-IRFR014 Datasheet
1Mb / 10P
Power MOSFET
10-May-10
logo
Kersemi Electronic Co.,...
IRFR014 KERSEMI-IRFR014 Datasheet
4Mb / 7P
Power MOSFET
More results


Similar Description - IRFR014

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1010NS IRF-IRF1010NS Datasheet
146Kb / 10P
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A??
IRF520N IRF-IRF520N Datasheet
116Kb / 8P
Power MOSFET(Vdss = 100 V, Rds(on) = 0.20 Ohm, Id= 9.7A)
IRFI9530G IRF-IRFI9530G Datasheet
174Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
IRFP250N IRF-IRFP250N Datasheet
122Kb / 8P
Power MOSFET(Vdss = 200 V, Rds(on)=0.075ohm, Id=30A)
IRFP254 IRF-IRFP254 Datasheet
162Kb / 6P
Power MOSFET(Vdss = 250 V, Rds(on)=0.14ohm, Id=23A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFR120PBF IRF-IRFR120PBF Datasheet
2Mb / 10P
HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.27廓 , ID = 7.7A )
IRFL4310PBF IRF-IRFL4310PBF Datasheet
662Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 0.20廓 , ID = 1.6A )
logo
TRANSYS Electronics Lim...
IRF840 TEL-IRF840 Datasheet
152Kb / 1P
Power MOSFET ( VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com