Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP254 Datasheet (PDF) - International Rectifier

IRFP254 Datasheet PDF - International Rectifier
Part # IRFP254
Download  IRFP254 Download
File Size   162.48 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss = 250 V, Rds(on)=0.14ohm, Id=23A)

IRFP254 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP254 Datasheet PDF - International Rectifier

Part # IRFP254
Download  IRFP254 Click to download

File Size   162.48 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss = 250 V, Rds(on)=0.14ohm, Id=23A)

IRFP254 Datasheet (HTML) - International Rectifier


IRFP254 Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Isolated Central Mounting Hole
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRFP254

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IRFP254 IXYS-IRFP254 Datasheet
46Kb / 2P
Standard Power MOSFET - N-Channel Enhancement Mode
IRFP254 IXYS-IRFP254 Datasheet
49Kb / 1P
High Voltage Power MOSFET Die N-Channel Enhancement Mode High Ruggedness Series
logo
Vishay Siliconix
IRFP254 VISHAY-IRFP254 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
logo
New Jersey Semi-Conduct...
IRFP254 NJSEMI-IRFP254 Datasheet
621Kb / 2P
HEXFET짰 Power MOSFET
logo
Inchange Semiconductor ...
IRFP254 ISC-IRFP254 Datasheet
67Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IRFP254

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9540N IRF-IRF9540N Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRF9540NS IRF-IRF9540NS Datasheet
187Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRF9Z34S IRF-IRF9Z34S Datasheet
334Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
IRFP23N50L IRF-IRFP23N50L Datasheet
104Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.190ohm, Id=23A)
IRFP254N IRF-IRFP254N Datasheet
222Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=125mohm, Id=23A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFP9140N IRF-IRFP9140N Datasheet
142Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRF9540NSPBF IRF-IRF9540NSPBF Datasheet
331Kb / 11P
HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117m廓 , ID = -23A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com