Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF520N Datasheet (PDF) - International Rectifier

IRF520N Datasheet PDF - International Rectifier
Part # IRF520N
Download  IRF520N Download
File Size   116.9 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss = 100 V, Rds(on) = 0.20 Ohm, Id= 9.7A)

IRF520N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF520N Datasheet PDF - International Rectifier

Part # IRF520N
Download  IRF520N Click to download

File Size   116.9 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss = 100 V, Rds(on) = 0.20 Ohm, Id= 9.7A)

IRF520N Datasheet (HTML) - International Rectifier


IRF520N Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
   
• Advanced Process Technology
• Dynamic dv/dt Rating
• 175°C Operating Temperature
• Fast Switching
• Fully Avalanche Rated
   




Similar Part No. - IRF520N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF520N ISC-IRF520N Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF520NL IRF-IRF520NL Datasheet
195Kb / 11P
Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF520NL KERSEMI-IRF520NL Datasheet
1Mb / 10P
Low-profile through-hole (IRF520NL)
logo
Inchange Semiconductor ...
IRF520NL ISC-IRF520NL Datasheet
300Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF520NLPBF IRF-IRF520NLPBF Datasheet
405Kb / 10P
Advamced {rpcess Technology Surface Mount
More results


Similar Description - IRF520N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1010NS IRF-IRF1010NS Datasheet
146Kb / 10P
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A??
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRFP250N IRF-IRFP250N Datasheet
122Kb / 8P
Power MOSFET(Vdss = 200 V, Rds(on)=0.075ohm, Id=30A)
IRFP254 IRF-IRFP254 Datasheet
162Kb / 6P
Power MOSFET(Vdss = 250 V, Rds(on)=0.14ohm, Id=23A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFR014 IRF-IRFR014 Datasheet
172Kb / 6P
Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A)
IRLI530GPBF IRF-IRLI530GPBF Datasheet
937Kb / 7P
HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
IRFL4310PBF IRF-IRFL4310PBF Datasheet
662Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 0.20廓 , ID = 1.6A )
logo
TRANSYS Electronics Lim...
IRF840 TEL-IRF840 Datasheet
152Kb / 1P
Power MOSFET ( VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A )
logo
International Rectifier
IRLI530G IRF-IRLI530G Datasheet
175Kb / 6P
HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com