Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF840 Datasheet (PDF) - TRANSYS Electronics Limited

IRF840 Datasheet PDF - TRANSYS Electronics Limited
Part # IRF840
Download  IRF840 Download
File Size   152.01 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Power MOSFET ( VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A )

IRF840 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF840 Datasheet PDF - TRANSYS Electronics Limited

Part # IRF840
Download  IRF840 Click to download

File Size   152.01 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Power MOSFET ( VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A )

IRF840 Datasheet (HTML) - TRANSYS Electronics Limited


IRF840 Product details

Power MOSFET

VDSS =500V, RDS(on) = 0.85 ohm, ID = 8.0 A

N Channel




Similar Part No. - IRF840

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
IRF840 MOTOROLA-IRF840 Datasheet
146Kb / 2P
N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
NXP Semiconductors
IRF840 PHILIPS-IRF840 Datasheet
60Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
STMicroelectronics
IRF840 STMICROELECTRONICS-IRF840 Datasheet
93Kb / 8P
N - CHANNEL 500V - 0.75ohm - 8A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Samsung semiconductor
IRF840 SAMSUNG-IRF840 Datasheet
272Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF840 FAIRCHILD-IRF840 Datasheet
150Kb / 5P
N-Channel Power MOSFETs, 8A, 450 V/500V
More results


Similar Description - IRF840

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IFRI820G IRF-IFRI820G Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.1A)
IRC830 IRF-IRC830 Datasheet
222Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF820S IRF-IRF820S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF830S IRF-IRF830S Datasheet
175Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460P IRF-IRFP460P Datasheet
174Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com