Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP440 Datasheet (PDF) - International Rectifier

IRFP440 Datasheet PDF - International Rectifier
Part # IRFP440
Download  IRFP440 Download
File Size   164.11 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)

IRFP440 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP440 Datasheet PDF - International Rectifier

Part # IRFP440
Download  IRFP440 Click to download

File Size   164.11 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)

IRFP440 Datasheet (HTML) - International Rectifier


IRFP440 Product details

DESCRIPTION
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Isolated Central Mounting Hole
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRFP440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFP440 INTERSIL-IRFP440 Datasheet
56Kb / 7P
8.8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
1Mb / 8P
Power MOSFET
28-Jul-08
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
Dynamic dv/dt Rating
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
836Kb / 11P
Power MOSFET
24-Jan-2022
logo
Inchange Semiconductor ...
IRFP440 ISC-IRFP440 Datasheet
388Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IRFP440

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF440 IRF-IRF440 Datasheet
142Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840AS IRF-IRF840AS Datasheet
129Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFI840G IRF-IRFI840G Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.6A)
IRFI840GLC IRF-IRFI840GLC Datasheet
225Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com