Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF840AS Datasheet (PDF) - International Rectifier

IRF840AS Datasheet PDF - International Rectifier
Part # IRF840AS
Download  IRF840AS Download
File Size   129.41 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)

IRF840AS Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF840AS Datasheet PDF - International Rectifier

Part # IRF840AS
Download  IRF840AS Click to download

File Size   129.41 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)

IRF840AS Datasheet (HTML) - International Rectifier


IRF840AS Product details

Applications
● Switch Mode Power Supply (SMPS)
● Uninterruptible Power Supply
● High Speed Power Switching

Benefits
● Low Gate Charge Qg Results in Simple
   Drive Requirement
● Improved Gate, Avalanche and Dynamic
   dv/dt Ruggedness
● Fully Characterized Capacitance and
   Avalanche Voltage and Current
● Effective Coss Specified (See AN 1001)




Similar Part No. - IRF840AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF840AS IRF-IRF840AS Datasheet
667Kb / 10P
SMPS MOSFET HEXFET짰 Power MOSFET
logo
TRANSYS Electronics Lim...
IRF840AS TEL-IRF840AS Datasheet
156Kb / 2P
Power MOSFET
logo
Vishay Siliconix
IRF840AS VISHAY-IRF840AS Datasheet
919Kb / 8P
Power MOSFET
07-Jul-08
logo
Inchange Semiconductor ...
IRF840AS ISC-IRF840AS Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRF840AS VISHAY-IRF840AS Datasheet
234Kb / 10P
Power MOSFET
30-Aug-2021
More results


Similar Description - IRF840AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF440 IRF-IRF440 Datasheet
142Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFI840G IRF-IRFI840G Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.6A)
IRFI840GLC IRF-IRFI840GLC Datasheet
225Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A)
IRFN440 IRF-IRFN440 Datasheet
213Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com