Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFI840GLC Datasheet (PDF) - International Rectifier

IRFI840GLC Datasheet PDF - International Rectifier
Part # IRFI840GLC
Download  IRFI840GLC Download
File Size   225.71 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A)

IRFI840GLC Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI840GLC Datasheet PDF - International Rectifier

Part # IRFI840GLC
Download  IRFI840GLC Click to download

File Size   225.71 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A)

IRFI840GLC Datasheet (HTML) - International Rectifier


IRFI840GLC Product details

DESCRIPTION
This new series of Low Charge Power HEXFETs achieve significantly lower gate charge over conventional HEXFETs. Utilizing advanced Power MOSFET technology, the device improvements allow for reduced gate drive requirements, faster switching speeds and increased total system savings. These device improvements combined with the proven ruggedness and reliability that are characteristic of HEXFETs offer the designer a new standard in power transistors for switching applications.

• Ultra Low Gate Charge
• Reduced Gate Drive Requirement
• Enhanced 30 V VGS Rating
• Isolated Package
• High Voltage Isolation = 2.5KVRMS
• Sink to Lead Creepage Dist.=4.8mm
• Repetitve Avalanche Rated




Similar Part No. - IRFI840GLC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI840GLC VISHAY-IRFI840GLC Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFI840GLC VISHAY-IRFI840GLC Datasheet
958Kb / 10P
Power MOSFET
11-Oct-2021
logo
International Rectifier
IRFI840GLCPBF IRF-IRFI840GLCPBF Datasheet
1Mb / 9P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFI840GLCPBF VISHAY-IRFI840GLCPBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFI840GLCPBF VISHAY-IRFI840GLCPBF Datasheet
958Kb / 10P
Power MOSFET
11-Oct-2021
More results


Similar Description - IRFI840GLC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC830 IRF-IRC830 Datasheet
222Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF830S IRF-IRF830S Datasheet
175Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840AS IRF-IRF840AS Datasheet
129Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFI840G IRF-IRFI840G Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.6A)
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com