Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF840LCS Datasheet (PDF) - International Rectifier

IRF840LCS Datasheet PDF - International Rectifier
Part # IRF840LCS
Download  IRF840LCS Download
File Size   173.93 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)

IRF840LCS Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF840LCS Datasheet PDF - International Rectifier

Part # IRF840LCS
Download  IRF840LCS Click to download

File Size   173.93 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)

IRF840LCS Datasheet (HTML) - International Rectifier


IRF840LCS Product details

Description
This new series of low charge HEXFET®power MOSFETs achieve significant lower gate charge over conventional MOSFETs. Utilizing the new LCDMOS (low charge device MOSFETs) technology, the device improvements are achieved without added product cost, allowing for reduce gate drive requirements and total system savings. In addition, reduced switching losses and improved efficiency and achievable in a variety of high frequency applications. Frequencies of a few MHz at high current are possible using the new low charge MOSFETs.
These device improvements combined with the proven ruggedness and reliability that characterize of HEXFET power MOSFETs offer the designer a new power transistor standard for switching applications.

● Ultra Low Gate Charge
● Reduced Gate Drive Requirement
● Enhanced 30V VGS Rating
● Reduced CISS, COSS, CRSS
● Extremely High Frequency Operation
● Repetitive Avalanche Rated




Similar Part No. - IRF840LCS

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
IRF840LCS TEL-IRF840LCS Datasheet
156Kb / 2P
Power MOSFET
logo
Vishay Siliconix
IRF840LCS VISHAY-IRF840LCS Datasheet
1Mb / 8P
Power MOSFET
02-Jun-08
IRF840LCS VISHAY-IRF840LCS Datasheet
175Kb / 9P
Power MOSFET
30-May-11
IRF840LCS VISHAY-IRF840LCS Datasheet
231Kb / 10P
Power MOSFET
30-Aug-2021
IRF840LCSPBF VISHAY-IRF840LCSPBF Datasheet
1Mb / 8P
Power MOSFET
02-Jun-08
More results


Similar Description - IRF840LCS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF440 IRF-IRF440 Datasheet
142Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840AS IRF-IRF840AS Datasheet
129Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFI840G IRF-IRFI840G Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.6A)
IRFI840GLC IRF-IRFI840GLC Datasheet
225Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A)
IRFN440 IRF-IRFN440 Datasheet
213Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com