Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830S Datasheet (PDF) - International Rectifier

IRF830S Datasheet PDF - International Rectifier
Part # IRF830S
Download  IRF830S Download
File Size   175.73 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)

IRF830S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF830S Datasheet PDF - International Rectifier

Part # IRF830S
Download  IRF830S Click to download

File Size   175.73 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)

IRF830S Datasheet (HTML) - International Rectifier


IRF830S Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Surface Mount
• Available in Tape & Reel
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRF830S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF830S VISHAY-IRF830S Datasheet
179Kb / 9P
Power MOSFET
30-May-11
logo
Guangdong Kexin Industr...
IRF830S KEXIN-IRF830S Datasheet
1Mb / 6P
N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRF830S KERSEMI-IRF830S Datasheet
800Kb / 8P
Available in Tape and Reel
logo
Vishay Siliconix
IRF830S VISHAY-IRF830S Datasheet
238Kb / 10P
Power MOSFET
02-May-16
logo
International Rectifier
IRF830SPBF IRF-IRF830SPBF Datasheet
329Kb / 9P
HEXFET짰 Power MOSFET
More results


Similar Description - IRF830S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC830 IRF-IRC830 Datasheet
222Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF430 IRF-IRF430 Datasheet
146Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF9620 IRF-IRF9620 Datasheet
160Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A)
IRF9620S IRF-IRF9620S Datasheet
165Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A)
IRFD210 IRF-IRFD210 Datasheet
173Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.60A)
IRFI830G IRF-IRFI830G Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A)
IRFI840GLC IRF-IRFI840GLC Datasheet
225Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A)
IRFI9620G IRF-IRFI9620G Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.0A)
IRFL210 IRF-IRFL210 Datasheet
182Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.96A)
JANTX2N6762 IRF-JANTX2N6762 Datasheet
234Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=1.5ohm, Id=4.5A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com