Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9620S Datasheet (PDF) - International Rectifier

IRF9620S Datasheet PDF - International Rectifier
Part # IRF9620S
Download  IRF9620S Download
File Size   165.28 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A)

IRF9620S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9620S Datasheet PDF - International Rectifier

Part # IRF9620S
Download  IRF9620S Click to download

File Size   165.28 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A)

IRF9620S Datasheet (HTML) - International Rectifier


IRF9620S Product details

Description
The HEXFET technology is the key to International Rectifiers advanced line of power MOSFET transistors. The efficient geometry and unique processingof the HEXFET design achieve very low on-state resistance combined with high transconductance and extreme device ruggedness.

• Surface Mount
• Available in Tape & Reel
• Dynamic dV/dt Rating
• P-Channel
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRF9620S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF9620S VISHAY-IRF9620S Datasheet
177Kb / 8P
Power MOSFET
30-May-11
IRF9620S VISHAY-IRF9620S Datasheet
200Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRF9620SPBF IRF-IRF9620SPBF Datasheet
1Mb / 9P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRF9620SPbF VISHAY-IRF9620SPbF Datasheet
177Kb / 8P
Power MOSFET
30-May-11
IRF9620SPBF VISHAY-IRF9620SPBF Datasheet
200Kb / 9P
Power MOSFET
30-Aug-2021
More results


Similar Description - IRF9620S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC830 IRF-IRC830 Datasheet
222Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF830S IRF-IRF830S Datasheet
175Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF9620 IRF-IRF9620 Datasheet
160Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A)
IRFD210 IRF-IRFD210 Datasheet
173Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.60A)
IRFD9220 IRF-IRFD9220 Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-0.56A)
IRFI830G IRF-IRFI830G Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A)
IRFI9620G IRF-IRFI9620G Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.0A)
IRFL210 IRF-IRFL210 Datasheet
182Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.96A)
IRFR210 IRF-IRFR210 Datasheet
171Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=2.6A)
IRFR9220 IRF-IRFR9220 Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com