Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830S Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

IRF830S Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # IRF830S
Download  IRF830S Download
File Size   2015.24 Kbytes
Page   6 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description N-Channel MOSFET

IRF830S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF830S Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # IRF830S
Download  IRF830S Click to download

File Size   2015.24 Kbytes
Page   6 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description N-Channel MOSFET

IRF830S Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


IRF830S Product details

■ Features
● VDS (V) = 500V
● ID = 4.5 A (VGS = 10V)
● RDS(ON) < 1.5Ω (VGS = 10V)
● Fast Switching
● Repetitive Avalanche Rated




Similar Part No. - IRF830S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF830S IRF-IRF830S Datasheet
175Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
logo
Vishay Siliconix
IRF830S VISHAY-IRF830S Datasheet
179Kb / 9P
Power MOSFET
30-May-11
logo
Kersemi Electronic Co.,...
IRF830S KERSEMI-IRF830S Datasheet
800Kb / 8P
Available in Tape and Reel
logo
Vishay Siliconix
IRF830S VISHAY-IRF830S Datasheet
238Kb / 10P
Power MOSFET
02-May-16
logo
International Rectifier
IRF830SPBF IRF-IRF830SPBF Datasheet
329Kb / 9P
HEXFET짰 Power MOSFET
More results


Similar Description - IRF830S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com