Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR9024 Datasheet (PDF) - International Rectifier

IRFR9024 Datasheet PDF - International Rectifier
Part # IRFR9024
Download  IRFR9024 Download
File Size   173.92 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)

IRFR9024 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR9024 Datasheet PDF - International Rectifier

Part # IRFR9024
Download  IRFR9024 Click to download

File Size   173.92 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)

IRFR9024 Datasheet (HTML) - International Rectifier


IRFR9024 Product details

Description
Third Generation HEXFETs MOSFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effictiveness.

• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Surface Mount (IRFR9024)
• Straight Lead (IRFU9024)
• Available in Tape & Reel
• P-Channel
• Fast Switching




Similar Part No. - IRFR9024

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFR9024 FAIRCHILD-IRFR9024 Datasheet
379Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
logo
Vishay Siliconix
IRFR9024 VISHAY-IRFR9024 Datasheet
1Mb / 8P
Power MOSFET
30-Jun-08
logo
Kersemi Electronic Co.,...
IRFR9024 KERSEMI-IRFR9024 Datasheet
4Mb / 7P
Power MOSFET
IRFR9024 KERSEMI-IRFR9024 Datasheet
4Mb / 7P
Power MOSFET
IRFR9024 KERSEMI-IRFR9024 Datasheet
4Mb / 7P
Power MOSFET
More results


Similar Description - IRFR9024

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC644 IRF-IRC644 Datasheet
225Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF644S IRF-IRF644S Datasheet
219Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF9Z24S IRF-IRF9Z24S Datasheet
311Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFI644G IRF-IRFI644G Datasheet
174Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=7.9A)
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP244 IRF-IRFP244 Datasheet
167Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A)
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
IRFR9024PBF IRF-IRFR9024PBF Datasheet
1Mb / 10P
HEXFET POWER MOSFET ( VDSS = -60V , RDS(on) = 0.28廓 , ID = -8.8A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com